Part Number Hot Search : 
ZMM56 HAT2068R GS1002FL USBB1 00152 PG5402 60438D TA7282AP
Product Description
Full Text Search
 

To Download MADP-011028-14150T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high power pin diode 50 mhz - 12 ghz rev. v1 MADP-011028-14150T 1 1 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 1 features ?? 3 terminal lpf broadband shunt structure ?? 50 mhz - 12 ghz broadband frequency ?? >100 w peak power handling ?? < 0.1 db shunt insertion loss ?? >19 db shunt isolation ?? < 35c/w thermal resistance ?? lead-free 1.5 x 1.2 mm 6-lead dfn package ?? rohs* compliant and 260 o c reflow description the madp-011028 is a lead-free 1.5 x 1.2 mm dfn surface mount plastic packaged that provides both low and high signal frequency operation from 50 mhz to 12 ghz. the higher breakdown voltage and lower thermal resistance of the pin diode provides peak power handling in excess of 100 w. this device is ideally suitable for usage in higher incident power switches, phase shifters, attenuators, and limiter microwave circuits over a broad frequency where higher performance surface mount diode assemblies are required. ordering information 1,2 part number package MADP-011028-14150T 3000 piece reel madp-011028-000smb sample board * restrictions on hazardous substanc es, european union directive 2002/95/ec. functional schematic pin configuration 3 pin no. pin name description 1 rf in rf input 2 gnd ground 3 gnd ground 4 gnd ground 5 gnd ground 6 rf out rf output 7 paddle 4 ground 3. m/a-com technology solutions recommends connecting unused package pins to ground. 4. the exposed pad centered on the package bottom must be connected to rf, dc, and thermal ground. 1. reference application note m513 for reel size information. 2. all rf sample boards include 5 loose parts.
high power pin diode 50 mhz - 12 ghz rev. v1 MADP-011028-14150T 2 2 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 2 electrical specifications: t a = +25c absolute maximum ratings 9,10 parameter absolute maximum d.c. forward voltage @ +250 ma 1.2 v d.c. forward current 250 ma d.c. reverse voltage |-200v| junction temperature 11 +175c operating temperature -65c to +125c storage temperature -65c to +150c re-flow temperature +260c for 360 seconds parameter test conditions units min. typ. max. forward voltage +50 ma d.c. v 0.7 0.9 1.1 reverse leakage current -200 v d.c. a ? |- 20| |-1000| total capacitance 5 -50 v @ 1 mhz pf ? 0.24 0.30 series resistance 6 +10 ma @ 1 ghz ? ? 3.4 4.4 parallel resistance 6 -vdc = -40 v, @ 100 mhz k ? ? 500 ? minority carrier lifetime +if = 10 ma / -ir = -6 ma (50% control voltage, 90% output voltage) s ? 2.0 3.0 c.w. thermal resistance ( infinite heat sink at thermal ground plane) ihigh = 4 a, ilow = 10 ma @ 10 khz oc/w ? 35 ? power dissipation 7,8 ( infinite heat sink at thermal ground plane) +if = 50 ma @ 1 ghz w ? ? 4.3 insertion loss f = 1 ghz, -vdc = -10 v db -0.05 isolation f = 1 ghz, +ibias = +10 ma db -18.5 -16.5 handling procedures please observe the following precautions to avoid damage: static sensitivity these devices are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these class 2 devices. 5. ct ( total capacitance ) = cj ( junction capac itance ) + cp ( parasitic package capacitance ). 6. rs and rp are measured on an hp4291a impedance analyzer. 7. de-rate power dissipation linearly by -28.6 mw /oc to 0 w @ +175oc: pd (t) = pd (+ 25oc) - ? p = pd (+ 25o) - (28.6 mv/oc) ( ? t). 8. pd = ? tj / or pd=(if + irf) 2 (rs), where if is the forward bias dc current and irf is the forward bias rms rf current. 9. exceeding any one or combination of these limits may cause permanent damage to this device. 10. m/a-com technology solutions does not recommend sustained operation near these survivability limits. 11. operating at nominal conditions with t j +140c will ensure mttf > 1 x 10e6 hours.
high power pin diode 50 mhz - 12 ghz rev. v1 MADP-011028-14150T 3 3 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 3 500 - 5000 mhz parts list 13 pcb layout pcb schematic 12. r1 is not needed when using the recommended ferrite fb1. 13. max dc voltage with recommended components not to exceed 100 v. part value case style c1 62 pf 0402 c2, c3 100 pf 0402 fb1 470 ? @ 1 ghz 0402 r1 150 ? 0402 l1 82 nh 0402 devices may be soldered using standard pb60/sn40, or rohs compliant solders. leads are plated nipdauag to ensure an optimum solderable connection. for recommended sn/pb and rohs soldering profile see application note m538 on the macom website. assembly recommendations cleanliness and storage these devices should be handled and stored in a clean environment. ends of the device are nipdauag plated for greater solderability. exposure to high humidity (>80%) for extended periods may cause the surface to oxidize. caution should be taken when storing devices for long periods. general handling device can be handled with tweezers or vacuum pickups and are suitable for use with automatic pick-and-place equipment.
high power pin diode 50 mhz - 12 ghz rev. v1 MADP-011028-14150T 4 4 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 4 parallel resistance vs. reverse voltage typical 1 ghz parametric curves series resistance vs. forward current capacitance vs. reverse voltage 0.1 1 10 100 1000 0.00 0.02 0.04 0.06 0.08 0.10 forward bias (a) 0.15 0.20 0.25 0.30 0.35 0 10203040 reverse bias (v) 1000 10000 100000 0 10203040 reverse bias (v)
high power pin diode 50 mhz - 12 ghz rev. v1 MADP-011028-14150T 5 5 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 5 typical rf small signal performance curves -0.25 -0.20 -0.15 -0.10 -0.05 0.00 02468 0 v 10 v 50 v frequency (ghz) return loss insertion loss isolation -50 -40 -30 -20 -10 0 02468 0 v 10 v 50 v frequency (ghz) -35 -30 -25 -20 -15 -10 02468 10 ma 25 ma 50 ma frequency (ghz)
high power pin diode 50 mhz - 12 ghz rev. v1 MADP-011028-14150T 6 6 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 6 lead-free 1.5 x 1.2 mm 6-lead dfn ? notes: 1. reference jedec mo-153-ab for additional dimensional and tolerance information. 2. all dimensions shown as inches/mm. 39 ? reference application note s2083 for lead-free solder reflow recommendations. meets jedec moisture sensitivity level 1 requirements. plating is nipdauag. 7
high power pin diode 50 mhz - 12 ghz rev. v1 MADP-011028-14150T 7 7 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 7 applications section schematic of high power sp2t shunt switch using MADP-011028-14150T pin diodes f = octave bandwidth from 1 to 12 ghz pinc = +40 dbm cw pinc = +50 dbm, 10 s pw, 1 % duty l = 11.807 / ( eff ? * f * 4 ) inches, = * l = ( 2 / ) * l = 90 frequency is in ghz, eff is effective diel ectric constant of tra nsmission line mediu m rf state b1 bias b2 bias j0-j1 low loss & j0-j2 isolation -50 v @ 0 ma +1 v @ +20 ma j0-j2 low loss & j0-j1 isolation +1 v @ +20 ma -50 v @ 0 ma
high power pin diode 50 mhz - 12 ghz rev. v1 MADP-011028-14150T 8 8 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 8 applications section schematic of 3 stage limiter using MADP-011028-14150T f = 1000 - 8,000 mhz pinc = +47 dbm cw pinc = +50 dbm, 10 s p.w., 1 % duty part pn case style description quantity d1 MADP-011028-14150T ods-1415 input pin diode 1 d2 madp-011023-14150t ods-1415 2nd stage pin diode 1 d3 madp-011023-14150t ods-1415 3rd stage pin diode 1 l1 33 nh 0402 rf choke / dc return 1 c1 27 pf 0402 dc block 1 c2 27 pf 0402 dc block 1
high power pin diode 50 mhz - 12 ghz rev. v1 MADP-011028-14150T 9 9 m/a-com technology solutions inc. and its affiliates reserve the ri ght to make changes to the product(s) or information contain ed herein wi thout notice. visit www.macomtech.com for additional data sheets and product information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 9 microwave model of madp-011027-14150t parameter value cpackage 8.0e-14 f lbond=ls 4.0e-10 h rs 0.9 ? rp 5e+5 ? 1 2 3 cpkg/2 cj rj ls ls cpkg/2 2 1 3 rj = rs ( forward bias current ) rj = rp ( reverse bias voltage )


▲Up To Search▲   

 
Price & Availability of MADP-011028-14150T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X